PART |
Description |
Maker |
MAX3453E MAX3453EETE MAX3453EEUD MAX3454EETE MAX34 |
Single Full-Duplex LVDS Transceiver 14-TSSOP -40 to 85 LINE TRANSCEIVER, QCC16 ±15kV ESD-Protected USB Transceivers 【15kV ESD-Protected USB Transceivers ±15kV ESD-Protected USB Transceivers
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
5962-9169201QXC 5962-9169202QXC 5962-9169201Q3C 59 |
Analog to Digital Converter ±15kV ESD-Protected, 32Mbps, 3V/5V,Triple RS-422/RS-485 Receivers with Fault Detection ±15kV ESD-Protected, 5V RS-232 Transceivers 八路D类触发器
|
Skyworks Solutions, Inc.
|
MAX3483E MAX3483ECPA MAX3483ECSA MAX3483EEPA MAX34 |
Quad LVDS Receiver with -4 to 5V Common-mode Range 16-SOIC -40 to 85 3.3V-Powered, ??5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Receiver 48-BGA MICROSTAR JUNIOR -40 to 85 LINE TRANSCEIVER, PDSO8 3.3V-Powered, 5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Transmitter 48-BGA MICROSTAR JUNIOR -40 to 85 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS- 485/RS-422 Transceivers 3.3V-Powered 15kV ESD-Protected 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 【15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered / 15kV ESD-Protected / 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,15kV ESD-Protected, 12Mbps
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3238E MAX3238ECAI MAX3238EEAI MAX3248ECAI MAX32 |
3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with ±15kV ESD-Protected I/O and Logic Pins 卤15kV ESD-Protected, 3.0V to 5.5V, Low-Power, Up to 250kbps, True RS-232 Transceivers(卤15kV ESD淇??锛?.0V??.5V,浣????250kbps, RS-232?跺????5???讹?) 3.0V to 5.5V / 10nA / 250kbps RS-232 Transceivers with 15kV ESD-Protected I/O and Logic Pins ±15kV ESD-Protected, 3.0V to 5.5V, Low-Power, Up to 250kbps, True RS-232 Transceivers(±15kV ESD保护.0V.5V,低功250kbps, RS-232收发器(5收)) 3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with 15kV ESD-Protected I/O and Logic Pins 3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with 【15kV ESD-Protected I/O and Logic Pins 3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with ±15kV ESD-Protected I/O and Logic Pins
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
MAX4620 MAX4630 MAX4640 MAX4630ESD MAX4630EPD MAX4 |
±15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches 15kV ESD-Protected, Low-Voltage, Quad,SPST, CMOS Analog Switches ±15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO14 ±.15kV ESD-Protected.Low-Voltage.Quad.SPST.CMOS Analog Switches ±15kV ESD保护、低电压、四路、SPST、CMOS模拟开
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX3232E MAX3222 MAX3241E MAX3246 MAX3222E MAX3222 |
Video/Imaging Fixed-Point Digital Signal Processor 548-FC/CSP ±15kV ESD保护、电流低0nA.0V.5V供电、速率高达1Mbps的真RS-232收发 DIODE SWITCHING SINGLE 250V 200mA-Io 250mW 50ns-trr SOD-123 3K/REEL 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 15kV ESD-Protected / Down to 10nA / 3.0V to 5.5V / Up to 1Mbps / True RS-232 Transceivers ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
|
Maxim Integrated Products, Inc.
|
MAX3227E MAX3225E MAX3225ECPP MAX3225ECAP MAX3225E |
±15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus 15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers 15,-15kV ESD-Protected, 1muA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus 15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
|
Maxim Integrated Products Maxim Integrated Produc...
|
MAX13481E MAX13481EETE MAX13482E MAX13482EETE MAX1 |
±15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors DATACOM, INTERFACE CIRCUIT, QCC16 【15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors ±15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
MAX3440EEPA |
±15kV ESD-Protected, ±60V Fault-Protected,10Mbps, Fail-Safe RS-485/J1708 Transceivers
|
Maxim Integrated Produc...
|
ICL3232EIA-T ICL3221EIA-T ICL3223EIA-T ICL3223ECA- |
ESD Protection for RS-232 I/O Pins to 5kV (IEC61000) 隆戮15kV ESD Protected, 3V to 5.5V, 1楼矛A, 250kbps, RS-232 Transmitters/Receivers 卤15kV ESD Protected, 3V to 5.5V, 1渭A, 250kbps, RS-232 Transmitters/Receivers ±15kV ESD Protected, 3V to 5.5V, 1μA, 250kbps, RS-232 Transmitters/Receivers
|
Intersil Corporation
|
MAX3440E MAX3440EAPA MAX3440EASA MAX3440EEPA MAX34 |
15kV ESD-Protected, 60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers " ?0V Fault-Protected, 10Mbps, Fail-Safe RS- 485 Transceiver with ?5kV ESD Protection" "?0V Fault-Protected, ?5kV ESD Protected, 10Mbps, Fail-Safe RS-485 Transceiver with Shutdown" "?0V Fault-Protected, 250kbps, Fail-Safe RS- 485 Transceiver with ?5kV ESD Protection" 15kV ESD-Protected 60V Fault-Protected 10Mbps Fail-Safe RS-485/J1708 Transceivers 15kV ESD-Protected / 60V Fault-Protected / 10Mbps / Fail-Safe RS-485/J1708 Transceivers 【15kV ESD-Protected, 【60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
|